PART |
Description |
Maker |
IRU1260 IRU1260CM IRU1260CP IRU1260CT IRU1260CMTR |
Dual 1A and 6A Adj LDO Linear Regulator in a ULTRA THIN-PAK 7-Leads package Dual 1A and 6A Adj LDO Linear Regulator in a TO-263 7-Leads package DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
IRU1150CMTR IRU1150CPTR |
4A Adj LDO Linear Regulator in a TO-263 5-Leads package 4A Adj LDO Linear Regulator in a ULTRA THIN-PAK 5-Leads package
|
International Rectifier
|
STE36N50 36N50DA |
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE N沟道增强型功率MOS器件中的ISOTOP封装 IC SHUNT REG ADJ 1.0% SOT-25
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
KA431S KA431SA KA431SAMF KA431SAMF2 KA431SL KA431S |
Adjustable/2.5V, 2% Tolerance Shunt Regulator Programmable Shunt Regulator
|
Fairchild Semiconductor
|
IRU1015CD IRU1015CDTR IRU1015CT |
1.5A Adj LDO Linear Regulator in a TO-220 3-Leads package 1.5A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package
|
International Rectifier
|
BZV55-A56 BZV55-B10 BZV55-B11 BZV55-B12 BZV55-B13 |
2.5V voltage references 二极管稳V2 Low voltage adjustable shunt reference 二极管稳压三人制 1.24 V adjustable shunt voltage reference 二极管稳V3 DIODE ZENER SOD-80C 二极管稳压的SOD - 80C DIODE ZENER 56V 二极管稳6V Programmable voltage reference 二极管稳20V Programmable voltage reference 二极管稳16V 1.225V micropower shunt voltage reference High thermal stability micropower shunt voltage reference 5V or 3V NVRAM supervisor for up to two LPSRAMs 5-pin supervisor with watchdog timer and push-button reset Adjustable 0.6V open collector shunt voltage reference 1.24V programmable shunt voltage reference Voltage Regulator Diodes(稳压二极 Voltage regulator diodes
|
Bourns, Inc. Vishay Intertechnology, Inc. NXP Semiconductors N.V. Fox Electronics Advanced Analogic Technologies, Inc. Avago Technologies, Ltd. Philips Semiconductors
|
LM431C LM431CIZ LM431A LM431ACM LM431ACN LM431ACZ |
Adjustable/2.5V, 0.5% Tolerance Shunt Regulator Adjustable/2.5V, 1% Tolerance Shunt Regulator Adjustable/2.5V, 2% Tolerance Shunt Regulator Programmable Shunt Regulator
|
FAIRCHILD[Fairchild Semiconductor] http://
|
MIC4575-3.3BT MIC4575-3.3BU MIC4575-3.3WT MIC4575- |
200kHz Simple 1A Buck Regulator IC REG 200KHZ 1.0A ADJ TO-263-5 3.2 A SWITCHING REGULATOR, 220 kHz SWITCHING FREQ-MAX, PSSO5
|
Micrel Semiconductor, Inc.
|
MSK5970HRHL |
RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
|
Anaren Microwave
|
HA17431PA HA17431UA HA17431FPA HA17431UPA HA17431P |
Shunt Regurators Shunt regulator, cathode current 150 mA, cathode voltage 40 V, reference voltage 2.495 V, accuracy /-4%
|
Hitachi Semiconductor
|
FAN431 FAN431A FAN431AZXA FAN431L FAN431LZXA FAN43 |
Adjustable/2.5V, 2% Tolerance Shunt Regulator Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-41; MIL SPEC:MIL-C-26482 Series I RoHS Compliant: No Programmable Shunt Regulator 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.495 V, PBCY3
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|